Part Number Hot Search : 
27011 VIT4045C 1N6284C 128KX36 XC3042A MV7442 ER108L MBR340
Product Description
Full Text Search
 

To Download UGB10FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 4 / / 9 9 8 8 u u g g b b 1 1 0 0 f f c c t t a a n n d d u u g g b b 1 1 0 0 g g c c t t u u l l t t r r a a f f a a s s t t s s o o f f t t r r e e c c o o v v e e r r y y r r e e c c t t i i f f i i e e r r r r e e v v e e r r s s e e v v o o l l t t a a g g e e - 300-400 volts f f o o r r w w a a r r d d c c u u r r r r e e n n t t - 10.0 amperes f f e e a a t t u u r r e e s s plastic package has underwriters laboratories flammability classification 94v-0 ideally suited for free wheeling diode power factor correction applications soft recovery characteristics excellent high temperature switching optimized to reduce switching losses high temperature soldering in accordance with cecc 802 / reflow guaranteed glass passivated chip junction m m e e c c h h a a n n i i c c a a l l d d a a t t a a c c a a s s e e : : jedec to-263ab molded plastic body t t e e r r m m i i n n a a l l s s : : plated leads, solderable per mil-std-750, method 2026 p p o o l l a a r r i i t t y y : : as marked m m o o u u n n t t i i n n g g p p o o s s i i t t i i o o n n : : any m m o o u u n n t t i i n n g g t t o o r r q q u u e e : : 5 in. - lbs. max. w w e e i i g g h h t t : : 0.08 ounce, 2.24 grams m m a a x x i i m m u u m m r r a a t t i i n n g g s s a a n n d d e e l l e e c c t t r r i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s ratings at 25c ambient temperature unless otherwise specified. s s y y m m b b o o l l s s u u g g b b 1 1 0 0 f f c c t t u u g g b b 1 1 0 0 g g c c t t u u n n i i t t s s maximum repetitive peak reverse voltage v rrm 300 400 volts working peak reverse voltage v rwm 225 300 volts maximum rms voltage v rms 210 280 volts maximum dc blocking voltage v dc 300 400 volts maximum average forward rectified current at t c =100c i (av) 10 amps peak forward surge current 8.3ms single half sine-wave superimposed i fsm 60a amps on rated load (jedec method) per leg maximum instantaneous forward voltage per leg t j =25c 1.30 volts i f = 5a t j =150c v f 1.05 maximum reverse leakage current t j =25c 10 at working peak reverse voltage t j =100c i r 200 m a maximum reverse recovery time per leg at i f =1.0a, di/dt=100a/ m s, v r =30v, i rr =0.1 i rm t rr 50 ns maximum reverse recovery time per leg at i f =0.5a, i r =1.0a, i rr =0.25a t rr 35 ns maximum reverse recovery current per leg at i f =5a, di/dt=50a/ m s,v r =30v t c =100c i rm 3.0 amps maximum stored charge per leg i f =2a, di/dt=20a/ m s, v r =30v, i rr =0.1 i rm q rr 50 nc typical thermal resistance from junction to case per leg r q jc 4.5 c/w operating junction and storage temperature range t j , t stg -40 to +150 c n n o o t t e e : : (1) pulse test: 300 m s pulse width, 1% duty cycle n n o o t t i i c c e e : : advanced product information is subject to change without notice dimensions in inches and (millimeters) advanced information advanced information advanced information t t o o - - 2 2 6 6 3 3 a a b b
0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 0 5 1 0 1 5 1 1 0 1 0 0 1 1 0 1 0 0 0 . 1 1 1 0 1 0 0 1 , 0 0 0 1 1 0 1 0 0 0 . 2 0 . 4 0 . 6 0 . 8 1 1 . 2 1 . 4 1 . 6 0 . 0 1 0 . 1 1 1 0 1 0 0 2 5 5 0 7 5 1 0 0 1 2 5 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 2 0 4 0 6 0 8 0 1 0 0 0 . 1 1 1 0 1 0 0 1 , 0 0 0 f f i i g g . . 1 1 - - f f o o r r w w a a r r d d c c u u r r r r e e n n t t d d e e r r a a t t i i n n g g c c u u r r v v e e case tempera ture, c a vera ge for w ard current , amperes f f i i g g . . 3 3 - - t t y y p p i i c c a a l l i i n n s s t t a a n n t t a a n n e e o o u u s s f f o o r r w w a a r r d d c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s p p e e r r l l e e g g t j =25c pulse width =300 m s 1% duty cycle t rr q rr f f i i g g . . 4 4 - - t t y y p p i i c c a a l l r r e e v v e e r r s s e e c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s p p e e r r l l e e g g inst ant aneous for w ard v ol t a ge, v ol ts inst ant aneous for w ard current , amperes 8.3ms single half sine-w a ve (jedec m ethod ) t c =105 c f f i i g g . . 2 2 - - m m a a x x i i m m u u m m n n o o n n - - r r e e p p e e t t i i t t i i v v e e p p e e a a k k f f o o r r w w a a r r d d s s u u r r g g e e c c u u r r r r e e n n t t p p e e r r l l e e g g peak for w ard surge current , amperes reverse v ol t a ge, v ol ts junction tempera ture, c t j =125 c f=1.0 mhz vsig=50mvp-p number of cycles a t 60 h z inst ant aneous reverse leaka ge current , micr o amperes percent of ra ted peak reverse v ol t a ge, % f f i i g g . . 6 6 - - t t y y p p i i c c a a l l j j u u n n c c t t i i o o n n c c a a p p a a c c i i t t a a n n c c e e p p e e r r l l e e g g f f i i g g . . 5 5 - - r r e e v v e e r r s s e e s s w w i i t t c c h h i i n n g g c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s p p e e r r l l e e g g cap a cit ance, pf resistive or inductive lo ad @2a, 20a/ m s @5a, 50a/ m s @5a, 50a/ m s @1a, 100a/ m s @2a, 20a/ m s st ored charge/reverse reco ver y time, nc/ns t j =125 c t j =125 c t j =100 c t j =100 c t j =25 c t j =25 c r r a a t t i i n n g g s s a a n n d d c c h h a a r r a a c c t t e e r r i i s s t t i i c c c c u u r r v v e e s s u u g g b b 1 1 0 0 f f c c t t a a n n d d u u g g b b 1 1 0 0 g g c c t t
3


▲Up To Search▲   

 
Price & Availability of UGB10FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X